Part Number Hot Search : 
PD85035C SMAF11C 01400 SMDJ20A E100A 100MZF 1N4749 BC108B
Product Description
Full Text Search
 

To Download BD533 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD533/535/537
www..com
DESCRIPTION *With TO-220C package *Complement to type BD534/536/538 *Low saturation voltage APPLICATIONS *For medium power linear and switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER BD533 VCBO Collector-base voltage BD535 BD537 BD533 VCEO Collector-emitter voltage BD535 BD537 VEBO IC IE IB PC Tj Tstg Emitter-base voltage Collector current Emitter current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 45 60 80 45 60 80 5 8 8 1 50 150 -65~150 V A A A W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD533/535/537
CHARACTERISTICS
www..com
Tj=25
unless otherwise specified PARAMETER Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage BD533 CONDITIONS IC=2 A;IB=0.2 A IC=6 A;IB=0.6 A IC=2A ; VCE=2V VCB=45V; IE=0 VCB=60V; IE=0 VCB=80V; IE=0 VCE=45V; VBE=0 VCE=60V; VBE=0 VCE=80V; VBE=0 VEB=5V; IC=0 BD533/535 20 IC=10mA ; VCE=5V BD537 15 IC=0.5A ; VCE=2V Group: J IC=2A ; VCE=2V Group: K Group: J IC=3A ; VCE=2V Group: K IC=0.5A ; VCE=1V 20 3 12 MHz 40 15 100 40 30 75 1 mA 0.1 mA 0.1 mA 0.8 1.5 MIN TYP. MAX 0.8 UNIT V V V
SYMBOL VCEsat-1 VCEsat-2 VBE
ICBO
Collector cut-off current
BD535 BD537 BD533
ICES
Collector cut-off current
BD535 BD537
IEBO
Emitter cut-off current
hFE-1
DC current gain
hFE-2
DC current gain DC current gain (All device)
hFE-3
hFE-4
DC current gain (All device) Transition frequency
fT
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
BD533/535/537
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BD533

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X